Part Number Hot Search : 
12332 A5201 MCM6227B BRS340 120N6 53020C 5VCTT CXA16
Product Description
Full Text Search
 

To Download SM10150C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features mechanical data units v maximum ratings and electrical characteristics rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage working peak reverse voltage maximum dc blocking voltage maximum average forward rectified current see fig. 1 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage (i = 10 amps,t = 25 c) maximum dc reverse current ta=25 c at rated dc blocking voltage ta=125 c typical junction capacitance (note1) 10 0.02 10 v v a a v ma ma pf typical thermal resistance r jc (note 2) 12 -50 +150 -65 +175 notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. operating storage temperature range t stg temperature range t j c c c /w sm 10150c 150 150 150 200 f f maximum instantaneous forward voltage (i f = 10 amps,tf=125 c 3 5 0 0 . 7 5 0 . 8 9 * l o w f o r w a r d v o l t a g e d r o p * h i g h c u r r e n t c a p a b i l i t y * h i g h r e l i a b i l i t y * h i g h s u r g e c u r r e n t c a p a b i l i t y * e p i t a x i a l c o n s t r u c t i o n * c a s e : m o l d e d p l a s t i c * e p o x y : u l 9 4 v - 0 r a t e f l a m e r e t a r d a n t * l e a d : l e a d s o l d e r a b l e p e r m i l - s t d - 2 0 2 , m e t h o d 2 0 8 g u a r a n t e e d * p o l a r i t y : a s m a r k e d * m o u n t i n g p o s i t i o n : a n y * w e i g h t : 1 . 1 0 g r a m s ( a p p r o x i m a t e l y ) a n y c h a n g i n g o f s p e c i f i c a t i o n w i l l n o t b e i n f o r m e d i n d i v i d u a l s m 10 15 0 c v o l t a g e 1 5 0 v 10 a m p s c hot t ky b arr ie r re ct i f i ers http://www.secosgmbh.com elektronische bauelemente smc 01 -jun-2002 rev. a page 1 of 2 .320(8.13) .305(7.75) .280(7.11) .260(6.60) .012(0.31) .006(0.15) .124(3.15) .108(2.75) .103(2.62) .079(2.00) .050(1.27) .030(0.76) .245(6.22) .220(5.59) .008 (.203) max. dimensions in inches and (millimeters) ~ ~ rohs compliant product a suffix of "-c" specifies halogen & lead-free
any changing of specification will not be informed individua l SM10150C voltage150v 10amp schottky barrier rectifiers http://www.secosgmbh.com elektronische bauelemente rating and characteristic curves (SM10150C) reverse voltage,(v) fig.4-typical junction capacit ance reverse voltage,(v) junction cap acit ance,(pf) 500 700 400 300 200 100 0 600 1 2 5 tj=25 c 10 50 100 number of cycles at 60hz peak for w ard surge current ,(a) fig.3-maximum non-repetitive forward 80 40 0 120 200 160 1 10 50 tj=25 c surge current 8.3ms single half sine wave jedec method 4 2 3 5 6 1 0 70 80 90 100 110 120 tc,case temperature,( c) 130 140 150 160 180 dc ra ted vol t age r q jc = 2 c/w fig.2- typical forward voltage 60 fig.1-typical forward current derating curve i ,average power dissipation(watts) f(av) i ,instaneous forwaed current(amp) f(av) 40 20 8 4 0 square wave f v ,instantaneous voltage(volts) t j = 25 c 0.2 0.4 0.6 0.8 1.0 v r , reverse current (vol ts) 10,000 1,000 100 10 1 0 20 40 60 80 100 120 140 160 180 200 fig.5-typical reverse current(per leg) 0 100 100,000 i , reverse current( a) r m tj=25 c tj=100 c tj=125 c tj=150 c tj=25 c tj=100 c tj=125 c tj=150 c 10 01-jun-2002 rev. a page 2 of 2


▲Up To Search▲   

 
Price & Availability of SM10150C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X